Part Number Hot Search : 
F25CPT 10R3SS XRT91L32 A03TKLB 2N5154 PE9912 2614FS 4H560838
Product Description
Full Text Search
 

To Download MAAM-008970-TR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAM-008970
Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
Features
* * * * * * * * 2-Way Splitter Single Ended Input and Outputs 75 Impedance 4.8 dB Gain Single +5 Volt Supply Lead-Free 3 mm 12-Lead PQFN Package Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible Rev. V1
Functional Schematic
Description
M/A-COM Tech's MAAM-008970 2-way active splitter is a GaAs MMIC which exhibits low noise figure and distortion in a lead-free PQFN plastic package. The MAAM-008970 employs a low noise, high linearity amplifier and power splitter functionality. The design features 75 inputs and outputs. The MAAM-008970 is ideally suited for satellite communications multi-tuner set top boxes, and other broadband based appliances. The MAAM-008970 is fabricated using M/A-COM Tech's PHEMT process to realize low noise and low distortion. The process features full passivation for robust performance and reliability.
Pin Configuration3
Pin No. 1 2 3 4 5 Pin Name N/C IN N/C N/C N/C N/C OUT2 N/C OUT1 N/C N/C N/C Description No Connection RF Input No Connection No Connection No Connection No Connection RF Output 2 No Connection RF Output 1 No Connection No Connection No Connection Paddle3
Ordering Information1,2
Part Number MAAM-008970-TR1000 MAAM-008970-TR3000 MAAM-008970-001SMB Package 1000 piece reel 3000 piece reel Sample Test Board
6 7 8 9 10 11 12 13
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be connected to RF and DC ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAM-008970
Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
Electrical Specifications: Freq: 2150 MHz, TA = 25C, VDD = +5 Volts, Z0 = 75
Parameter Gain Gain Flatness Noise Figure Input Return Loss Output Return Loss Reverse Isolation Output to Output Isolation Output Power at 1 dB Compression, P1dB Output 3rd Order Intercept Point, OIP3 Output 2nd Order Intercept Point, OIP2 IDD Test Conditions In to Out1, In to Out2 In to Out1, In to Out2 In to Out1, In to Out2 Input Output Out1 to In, Out2 to In Out1 to Out2 1450 MHz 1450 MHz, PIN = 0 dBm, 6 MHz Spacing 1450 MHz, PIN = 0 dBm, 6 MHz Spacing VDD = + 5 Volts Units dB dB dB dB dB dB dB dBm dBm dBm mA Min. 4.0 -- -- -- -- -- -- -- -- -- -- Typ. 4.8 0.3 5.0 12 12 18 23 7 17 30 60 Max. 5.8 -- -- -- -- -- -- -- -- -- 75
Rev. V1
Absolute Maximum Ratings 4,5,6
Parameter Input Power Vbias Operating Temperature Junction Temperature 7 Storage Temperature Absolute Maximum +12 dBm +10.0 V 0C to +85C +150C -65C to +125C
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4. Exceeding any one or combination of these limits may cause permanent damage to this device. 5. M/A-COM does not recommend sustained operation near these survivability limits. 6. These operating conditions will ensure MTTF > 1 x 106 hours. 7. Junction Temperature (TJ) = TA + jc * (V * I) Typical thermal resistance (jc) = 148 C/W. a) For TA = 25C, TJ = 69 C @ 5.0 V, 60 mA b) For TA = 85C, TJ = 126 C @ 5.0 V, 55 mA
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAM-008970
Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
Recommended PCB PCB Land Pattern
Rev. V1
Schematic Including Off-Chip Components
Off-Chip Component Values
Component C1 - C5 C6 - C7 L1 L2, L3 L4, L5 R1, R2 R3, R4 Value 1000 pF 0.01 F 4.7 nH 2 nH 100 nH 480 75 Package 0402 0402 0402 0402 1008 0402 0402
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAM-008970
Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
Typical Performance Curves
Gain__OUT1 & OUT2
6.0 5.5 5.0 4.5 4.0 3.5 3.0 0.8
+25C_ in-out 1 +25C_ in-out 2 0C_in-out 1 0C_in-out 2 +85C_in-out 1 +85C_in-out 2
Rev. V1
Gain__OUT1 & OUT2 to 3 GHz
6.0 5.5 5.0 4.5 4.0 3.5 3.0 0.0
+25C_ in-out 1 +25C_ in-out 2 0C_in-out 1 0C_in-out 2 +85C_in-out 1 +85C_in-out 2
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.6
1.2
1.8
2.4
3.0
Frequency (GHz)
Frequency (GHz)
Input Return Loss
0.0 -5.0 -10.0 -15.0 -20.0 -25.0 -30.0 -35.0 0.8
+25C 0C +85C
Output Return Loss (Typical both Outputs)
0.0 -5.0 -10.0 -15.0 -20.0 -25.0 -30.0 -35.0 0.8
+25C 0C +85C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
Frequency (GHz)
Reverse Isolation to 3 GHz
0
+25C_ in-out 1 +25C_ in-out 2 0C_in-out 1 0C_in-out 2 +85C_in-out 1 +85C_in-out 2
Noise Figure (Typical both Outputs)
8 7 6 5
-10
-20
4
-30
3 2
+25C 0C +85C
-40 0.0
0.6
1.2
1.8
2.4
3.0
1 0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
Frequency (GHz)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAM-008970
Satellite Communications Single Ended 2-Way Active Splitter 950 - 2150 MHz
Typical Performance Curves
Out - Out Isolation
0 -5 -10 -15 -20 -25 -30 -35 0.8
+25C 0C +85C
Rev. V1
Out - Out Isolation to 3 GHz
0 -5 -10 -15 -20 -25 -30 -35 0.0
+25C 0C +85C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.6
1.2
1.8
2.4
3.0
Frequency (GHz)
Frequency (GHz)
Lead-Free 3 mm 12-Lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin plating over copper.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAM-008970-TR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X